Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download 2SC4297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PML package *High voltage ,high speed switching
APPLICATIONS
2SC4297
*For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 500 400 10 12 24 4 75 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4297
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=25mA; IB=0 IC=7A;IB=1.4A IC=7A;IB=1.4A VCB=500V ;IE=0 VEB=10V; IC=0 IC=7A ; VCE=4V IE=-1A ; VCE=12V VCB=10V;f=1MHz 10 10 105 MIN 400 0.5 1.3 100 100 30 MHz pF TYP. MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
Switching times ton tstg tf Turn-on time Storage time Fall time IC=7A;IB1=0.7A; IB2=-1.4A;RL=28.5@ VCC=200V 1.0 3.0 0.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4297
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4297
4


▲Up To Search▲   

 
Price & Availability of 2SC4297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X